PART |
Description |
Maker |
XC7SH14GV XC7SH14GW XC7SH14 |
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action Inverting Schmitt trigger
|
NXP Semiconductors
|
NC7SZ14 NC7SZ14L6X NC7SZ14M5X NC7SZ14P5X |
TinyLogic UHS Inverter with Schmitt Trigger Input LVC/LCX/Z SERIES, 1-INPUT INVERT GATE, PDSO6 TinyLogic UHS Inverter with Schmitt Trigger Input TinyLogic UHS Inverter with Schmitt Trigger Input
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74VHC1G1407 MC74VHC1G14DTT1G MC74VHC1G14 MC74VHC |
Single Schmitt−Trigger Inverter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5 Single Schmitt−Trigger Inverter
|
ONSEMI[ON Semiconductor]
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
CD40106BC CD40106BCM CD40106BCN CD40106BCMX |
Hex Schmitt Trigger CERAMIC CHIP/MIL-PRF-55681 Hex Schmitt Trigger(???瀵??瑙????
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AT24C01ASC-09GT AT24C16SC AT24C02SC AT24C01ASC-10W |
Schmitt Trigger, Filtered Inputs for Noise Suppression 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each From old datasheet system Two-wire Serial EEPROM Smart Card Modules
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
HCS132MS HCS132D HCS132DMSR HCS132HMSR HCS132K HCS |
NAND-Gate, 2-Input, Schmitt Trigger, Quad, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Quad 2-Input NAND Schmitt Trigger RESISTOR NETWORK; THR; BUSSED; 4.7K OHM X 15 HC/UH SERIES, QUAD 2-INPUT NAND GATE, CDIP14
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
74HCT14 74HCT14DR2G 74HCT14DTR2G 74HCT14.REV1 |
74HCT14 Data Sheet Hex Schmitt-Trigger Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Schmitt−Trigger Inverter with LSTTL Compatible Inputs High−Performance Silicon−Gate CMOS
|
Rectron Semiconductor
|
AT49F1614T-70CC AT49F1604T-70UC AT49F1604T-70UI AT |
10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-PDIP -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-TSSOP -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-SOIC -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-SOIC -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TVSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PBGA48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 1M X 16 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PBGA48
|
Atmel Corp. Atmel, Corp.
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
NL27WZ14DFT2 NL27WZ14DTT1 NL27WZ14 |
Dual Inverter, Schmitt Dual Schmitt-Trigger Inverter 27WZ SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
ONSEMI[ON Semiconductor]
|